データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LITE49M データシート(PDF) 183 Page - STMicroelectronics

部品番号 ST7LITE49M
部品情報  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M データシート(HTML) 183 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 179Page - STMicroelectronics ST7LITE49M Datasheet HTML 180Page - STMicroelectronics ST7LITE49M Datasheet HTML 181Page - STMicroelectronics ST7LITE49M Datasheet HTML 182Page - STMicroelectronics ST7LITE49M Datasheet HTML 183Page - STMicroelectronics ST7LITE49M Datasheet HTML 184Page - STMicroelectronics ST7LITE49M Datasheet HTML 185Page - STMicroelectronics ST7LITE49M Datasheet HTML 186Page - STMicroelectronics ST7LITE49M Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 188 page
background image
ST7LITE49M
Package characteristics
183/188
15
Package characteristics
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More