データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23S08-E/P データシート(PDF) 10 Page - Microchip Technology

部品番号 MCP23S08-E/P
部品情報  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08-E/P データシート(HTML) 10 Page - Microchip Technology

Back Button MCP23S08-E/P Datasheet HTML 6Page - Microchip Technology MCP23S08-E/P Datasheet HTML 7Page - Microchip Technology MCP23S08-E/P Datasheet HTML 8Page - Microchip Technology MCP23S08-E/P Datasheet HTML 9Page - Microchip Technology MCP23S08-E/P Datasheet HTML 10Page - Microchip Technology MCP23S08-E/P Datasheet HTML 11Page - Microchip Technology MCP23S08-E/P Datasheet HTML 12Page - Microchip Technology MCP23S08-E/P Datasheet HTML 13Page - Microchip Technology MCP23S08-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MCP23008/MCP23S08
DS21919D-page 10
© 2007 Microchip Technology Inc.
1.6.1
I/O DIRECTION (IODIR) REGISTER
Controls the direction of the data I/O.
When a bit is set, the corresponding pin becomes an
input. When a bit is clear, the corresponding pin
becomes an output.
REGISTER 1-1:
IODIR – I/O DIRECTION REGISTER (ADDR 0x00)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
IO7:IO0: These bits control the direction of data I/O <7:0>
1 = Pin is configured as an input.
0 = Pin is configured as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44