| データシートサーチシステム |
|
MCP23S08-E/P データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S08-E/P データシート(HTML) 14 Page - Microchip Technology |
|
14 / 44 page ![]() MCP23008/MCP23S08 DS21919D-page 14 © 2007 Microchip Technology Inc. 1.6.5 INTERRUPT CONTROL (INTCON) REGISTER The INTCON register controls how the associated pin value is compared for the interrupt-on-change feature. If a bit is set, the corresponding I/O pin is compared against the associated bit in the DEFVAL register. If a bit value is clear, the corresponding I/O pin is compared against the previous value. REGISTER 1-5: INTCON – INTERRUPT-ON-CHANGE CONTROL REGISTER (ADDR 0x04) R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 IOC7 IOC6 IOC5 IOC4 IOC3 IOC2 IOC1 IOC0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 IOC7:IOC0: These bits control how the associated pin value is compared for interrupt-on-change <7:0> 1 = Controls how the associated pin value is compared for interrupt-on-change. 0 = Pin value is compared against the previous pin value. Refer to INTCON and GPINTEN. |