| データシートサーチシステム |
|
MCP23S08-E/P データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S08-E/P データシート(HTML) 18 Page - Microchip Technology |
|
18 / 44 page ![]() MCP23008/MCP23S08 DS21919D-page 18 © 2007 Microchip Technology Inc. 1.6.9 INTERRUPT CAPTURE (INTCAP) REGISTER The INTCAP register captures the GPIO port value at the time the interrupt occurred. The register is ‘read- only’ and is updated only when an interrupt occurs. The register will remain unchanged until the interrupt is cleared via a read of INTCAP or GPIO. REGISTER 1-9: INTCAP – INTERRUPT CAPTURED VALUE FOR PORT REGISTER (ADDR 0x08) R-x R-x R-x R-x R-x R-x R-x R-x ICP7 ICP6 ICP5 ICP4 ICP3 ICP2 ICP1 ICP0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 ICP7:ICP0: These bits reflect the logic level on the port pins at the time of interrupt due to pin change <7:0> 1 = Logic-high. 0 = Logic-low. |