| データシートサーチシステム |
|
DSPIC33FJ64GP708 データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP708 データシート(HTML) 4 Page - Microchip Technology |
|
4 / 10 page ![]() dsPIC33F DS80279B-page 4 © 2006 Microchip Technology Inc. 3. Module: 10-bit ADC When the ADC module is configured for 10-bit operation, the specifications in the data sheet are not met for operation above 500 Ksps. For 500 Ksps, the module meets specifications except for Gain and Offset parameters AD23bb and AD24bb. For 600 Ksps operation, the module specifications are shown in Table 2. Work around None. Future versions of the silicon will support the ADC performance stated in the data sheet. TABLE 2: 600 KSPS OPERATION 4. Module: DMA Module: Interaction with EXCH Instruction The EXCH instruction does not execute correctly when either of the two operands is numerically equal to the address of any of the DMAC SFRs for this revision of silicon. Work around If writing source code in assembly, the recommended fix is to replace: EXCH Wsource, Wdestination with: PUSH Wdestination MOV Wsource, Wdestination POP Wsource If using the MPLAB C30 C compiler, check the dis- assembly listing (View>Disassembly Listing) for the EXCH instruction. If used, make sure the oper- ands are not equivalent to the DMA SFRs’ addresses. Param No. Symbol Min Typ Max Units Conditions AD17 RIN — — 200 Ohm 10-bit ADC Accuracy – Measurements taken with External VREF+/VREF- AD20b Nr — 10 bits — Bits AD21b INL -2 — 2 LSB AD22b DNL -1.5 — 2 LSB AD23b GERR 1 3 6 LSB AD24b EOFF 1 2 5 LSB ADC Accuracy – Measurements taken with Internal VREF+/VREF- AD21bb INL -2 — 2 LSB AD22bb DNL -1.5 — 2 LSB AD23bb GERR 1 6 12 LSB AD24bb EOFF 2 5 10 LSB Dynamic Performance AD33b FNYQ — — 300 KHz AD34b ENOB 8.5 9.7 9.8 Bits ADC Conversion Rate AD56b FCNV — — 600 Ksps AD57b TSAMP — 3 TAD —— |