データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ64GP708 データシート(PDF) 7 Page - Microchip Technology

部品番号 DSPIC33FJ64GP708
部品情報  Silicon Errata
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 データシート(HTML) 7 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2006 Microchip Technology Inc.
DS80279B-page 7
dsPIC33F
16. Module: INT0, ADC and Sleep/Idle Mode
ADC event triggers from the INT0 pin will not
wake-up the device from Sleep or Idle mode if the
SMPI bits are non-zero. This means that if the
ADC is configured to generate an interrupt after a
certain number of INT0 triggered conversions, the
ADC conversions will not be triggered and the
device will remain in Sleep. The ADC will perform
conversions and wake-up the device only if it is
configured to generate an interrupt after each INT0
triggered conversion (SMPI<3:0> = 0000).
Work around
None. If ADC event trigger from the INT0 pin is
required, initialize SMPI<3:0> to ‘0000’ (interrupt
on every conversion).
17. Module: Doze Mode and Traps
The address error trap, stack error trap, math error
trap and DMA error trap will not wake-up a device
from Doze mode.
Work around
None.
18. Module: JTAG Programming
JTAG programming does not work.
Work around
None.



Html Pages

1 2 3 4 5 6 7 8 9 10