データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ64GP708 データシート(PDF) 6 Page - Microchip Technology

部品番号 DSPIC33FJ64GP708
部品情報  Silicon Errata
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 データシート(HTML) 6 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
dsPIC33F
DS80279B-page 6
© 2006 Microchip Technology Inc.
9.
Module: SPI Module in Frame Master
Mode
The SPI module will fail to generate frame syn-
chronization pulses when configured in the Frame
Master mode (FRMEN = 1, SPIFSD = 0). How-
ever, the module functions correctly in Frame
Slave mode.
Work around
If DMA is not being used, manually drive the SSx
pin (x = 1 or 2) high using the associated PORT
register, and then drive it low after the required 1
bit-time pulse width. This operation needs to be
performed when the transmit buffer is written.
If DMA is being used, and if no other peripheral
modules are using DMA transfers, use a timer
interrupt to periodically generate the frame syn-
chronization pulse (using the method described
above) after every 8 or 16 bit periods (depending
on the data word size, configured using the
MODE16 bit).
10. Module: SPI Module in Slave Select Mode
The
SPI
module
Slave
Select
functionality
(enabled by setting SSEN = 1) will not function cor-
rectly. Whether the SSx pin (x = 1 or 2) is high or
low, the SPI data transfer will be completed and an
interrupt will be generated.
Work around
If DMA is not being used, manually poll the SSx pin
state in the SPI interrupt by reading the
associated LAT bit:
• If the LAT bit is ‘0’, then perform the required
data read/write.
• If the LAT bit is ‘1’, then clear the SPI interrupt
flag (SPIxIF), perform a dummy read of the
SPIxBUF register, and return from the Interrupt
Service Routine.
If DMA is being used, there is no work around.
11. Module: SPI Module
The SMP bit (SPIxCON1<9>, where x = 1 or 2)
does not have any effect when the SPI module is
configured for a 1:1 prescale factor in Master
mode. In this mode, whether the SMP bit is set or
cleared, the data is always sampled at the end of
data output time.
Work around
If sampling at the middle of data output time is
required, then configure the SPI module to use a
clock prescale factor other than 1:1 using the
PPRE<1:0>
and
SPRE<2:0>
bits
in
the
SPIxCON1 register.
12. Module: ECAN Module
If multiple ECAN transmit buffers are queued for
transmission (multiple TXREQ bits are set to ‘1’
simultaneously), then the message transmissions
from the enabled buffers may interfere with one
another. As a result, incorrect ID and data
transmissions will occur intermittently.
Work around
Enable only one transmit buffer for transmission at
any given time. In the user application, this can be
ensured by checking that all other TXREQn bits
are clear before setting the TXREQn bit
corresponding to the buffer that is to be
transmitted.
13. Module: ECAN Module
Under specific conditions, the first five bits of a
transmitted identifier may not match the value in
the transmit buffer SID. If the ECAN module
detects a Start-of-Frame (SOF) in the third bit of
interframe space and if a message to be transmit-
ted is pending, the first five bits of the transmitted
identifier may be corrupted.
Work around
None.
14. Module: ECAN Module Loopback Mode
The ECAN module (ECAN1 or ECAN2) does not
function correctly in Loopback mode.
Work around
Do not use Loopback mode.
15. Module: I2C Module
The Bus Collision Status bit (BCL) does not get set
when a bus collision occurs during a Restart or
Stop event. However, the BCL bit gets set when a
bus collision occurs during a Start event.
Work around
None.



Html Pages

1 2 3 4 5 6 7 8 9 10