| データシートサーチシステム |
|
AD8657ACPZ-R7 データシート(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8657ACPZ-R7 データシート(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() AD8657/AD8659 Data Sheet Rev. C | Page 22 of 24 Note that 100 kΩ resistors are used in series with the input of the op amp. If smaller resistor values are used, the supply current of the system increases much more. For more details on op amps as comparators, refer to the AN-849 Application Note Using Op Amps as Comparators. EMI REJECTION RATIO Circuit performance is often adversely affected by high frequency electromagnetic interference (EMI). In the event where signal strength is low and transmission lines are long, an op amp must accurately amplify the input signals. However, all op amp pins— the noninverting input, inverting input, positive supply, negative supply, and output pins—are susceptible to EMI signals. These high frequency signals are coupled into an op amp by various means such as conduction, near field radiation, or far field radi- ation. For example, wires and PCB traces can act as antennas and pick up high frequency EMI signals. Precision op amps, such as the AD8657 and AD8659, do not amplify EMI or RF signals because of their relatively low bandwidth. However, due to the nonlinearities of the input devices, op amps can rectify these out-of-band signals. When these high frequency signals are rectified, they appear as a dc offset at the output. To describe the ability of the AD8657/AD8659 to perform as intended in the presence of an electromagnetic energy, the electromagnetic interference rejection ratio (EMIRR) of the noninverting pin is specified in Table 2, Table 3, and Table 4 of the Specifications section. A mathematical method of measuring EMIRR is defined as follows: EMIRR = 20 log (VIN_PEAK/ΔVOS) 20 40 60 80 100 120 140 10M 100M 1G 10G FREQUENCY (Hz) VIN = 100mVPEAK VSY = 2.7V TO 18V Figure 77. EMIRR vs. Frequency 4 mA TO 20 mA PROCESS CONTROL CURRENT LOOP TRANSMITTER—AD8657 The 2-wire current transmitters are often used in distributed control systems and process control applications to transmit analog signals between sensors and process controllers. Figure 78 shows a 4 mA to 20 mA current loop transmitter. The transmitter powers directly from the control loop power supply, and the current in the loop carries signal from 4 mA to 20 mA. Thus, 4 mA establishes the baseline current budget within which the circuit must operate. Using the AD8657 is an excellent choice due to its low supply current of 34 μA per amplifier over temperature and supply voltage. The current transmitter controls the current flowing in the loop, where a zero-scale input signal is represented by 4 mA of current and a full-scale input signal is represented by 20 mA. The transmitter also floats from the control loop power supply, VDD, while signal ground is in the receiver. The loop current is measured at the load resistor, RL, at the receiver side. At a zero-scale input, a current of VREF/RNULL flows through R´. This creates a current flowing through the sense resistor, ISENSE, determined by the following equation (see Figure 78 for details): ISENSE, MIN = (VREF × R´)/(RNULL × RSENSE) With a full-scale input voltage, current flowing through R´ is increased by the full-scale change in VIN/RSPAN. This creates an increase in the current flowing through the sense resistor. ISENSE, DELTA = (Full-Scale Change in VIN × R´)/(RSPAN × RSENSE) Therefore ISENSE, MAX = ISENSE, MIN + ISENSE, DELTA When R´ >> RSENSE, the current through the load resistor at the receiver side is almost equivalent to ISENSE. Figure 78 is designed for a full-scale input voltage of 5 V. At 0 V of input, loop current is 3.5 mA; and at a full scale of 5 V, the loop current is 21 mA. This allows software calibration to fine tune the current loop to the 4 mA to 20 mA range. The AD8657 and ADR3550 both consume only 160 μA quiescent current, making 3.34 mA current available to power additional signal conditioning circuitry or to power a bridge circuit. RL 100Ω VDD 18V C2 10µF C3 0.1µF C1 390pF C4 0.1µF R4 3.3kΩ Q1 D1 4mA TO 20mA R3 1.2kΩ RNULL 1MΩ 1% VREF RSPAN 200kΩ 1% VIN 0V TO 5V R1 68kΩ 1% R2 2kΩ 1% NOTES 1. R1 + R2 = R´. 1/2 AD8657 C5 10µF RSENSE 100Ω 1% VOUT GND ADR3550 VIN Figure 78. 4 mA to 20 mA Current Loop Transmitter |