データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4932X データシート(PDF) 6 Page - Cirrus Logic

部品番号 CS4932X
部品情報  Part Matrix vs. Code Matrix for AVR/Outboard Decoder-based Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4932X データシート(HTML) 6 Page - Cirrus Logic

Back Button CS4932X Datasheet HTML 2Page - Cirrus Logic CS4932X Datasheet HTML 3Page - Cirrus Logic CS4932X Datasheet HTML 4Page - Cirrus Logic CS4932X Datasheet HTML 5Page - Cirrus Logic CS4932X Datasheet HTML 6Page - Cirrus Logic CS4932X Datasheet HTML 7Page - Cirrus Logic CS4932X Datasheet HTML 8Page - Cirrus Logic CS4932X Datasheet HTML 9Page - Cirrus Logic CS4932X Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS4932X/CS49330
6
DS339AM3
•
MPG - MPEG Multichannel with Dolby Pro
Logic decoder. This code features +/-12dB
Tone Control.
Note: The MPG code ONLY supports the following
MPEG streams: MPEG-2, Layer 2 (with and
without extension). MPEG-2 Low Sampling
Frequencies are currently not supported. Please
refer to AN163 for more details on stream
support. Tone Control is implemented as
individual bass and treble control on the Left,
Right, and Center output channels.
•
MPG_CES - MPEG Multichannel with Dolby
Pro Logic decoder. This code features Crystal
Extra Surround™ which enables a 6.1 or 7.1
channel output.
Note: The MPG_CES code ONLY supports the
following MPEG streams: MPEG-2, Layer 2 (with
and without extension). MPEG-2 Low Sampling
Frequencies are currently not supported. Please
refer to AN163 for more details on stream
support.
•
MPG_PL2 - MPEG Multichannel with Dolby
Pro Logic II decoder.
Note: The MPG_PL2 code ONLY supports the
following MPEG streams: MPEG-2, Layer 2 (with
and without extension). MPEG-2 Low Sampling
Frequencies are currently not supported. Please
refer to AN163 for more details on stream
support.
•
MPGR - MPEG + SRS TruSurround (MPEG
Multichannel decoder + SRS TruSurround
Virtualizer Module)
Note: The MPG code ONLY supports the following
MPEG streams: MPEG-2, Layer 2 (with and
without extension). MPEG-2 Low Sampling
Frequencies currently not supported. Please
refer to AN163 for more details on stream
support.
•
MP3 - MPEG-1, Layer 3 (MP3) Decoder
Note: Due to the fact that the Pc value of 0x5 in the
IEC61937 specifcation pertains to more than one
type of MPEG stream type, autodetection of
IEC61937-packed MP3 data is a two step
process. Please refer to AN163 for details.
Please refer to the legal section for more
information about the use of this application
code.
•
PDF - Dolby Pro Logic Double Sampling
Frequency Decoder (Fs = 64 kHz, 88.2 kHz,
96 kHz) and PCM Upsampler.
Note: The PDF code is capable of accepting 32 kHz to
96 kHz PCM stereo input and can perform a Pro
Logic decode. The PDF code can also upsample
32 kHz to 64 kHz, 44.1 kHz to 88.2 kHz, and
48kHz to 96kHz in addition to perform a Dolby
Pro Logic decode of the upsampled PCM.
•
PL2_2FS - Dolby Pro Logic II Double
Sampling Frequency Decoder (Fs = 64 kHz,
88.2 kHz, 96 kHz) and PCM Upsampler.
Note: The PL2_2FS code is capable of accepting
32 kHz to 96 kHz PCM stereo input and can
perform a Pro Logic II decode. The PL2_2FS
code can also upsample 32 kHz to 64 kHz, 44.1
kHz to 88.2 kHz, and 48kHz to 96kHz in addition
to perform a Dolby Pro Logic II decode of the
upsampled PCM.
®
®
[
®
®
®
®
®
[



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12