| データシートサーチシステム |
|
CS4932X データシート(PDF) 7 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4932X データシート(HTML) 7 Page - Cirrus Logic |
|
7 / 12 page ![]() CS4932X/CS49330 DS339AM3 7 • THX - Home THX Cinema™ 5.1 Channel Post- Processor offers: Re-Eq™, Timbre Matching™, Adaptive Decorrelation™ THX Bass Peak Limiter™, Loudspeaker Position Time Synchronization™ (all-channel delays), in addition to tone control and parametric equalization. Note: The tone control includes basic bass and treble control for each full bandwidth channel, including Surround Back channel (Sb). The parametric EQ can not be changed after kickstart. Delays are all channel. Please refer to AN163H for more information about the Home THX Cinema 5.1 Channel Post-Processor code. • THX8 - Home THX Cinema™ 7.1 Channel Post-Processor offers: Re-Eq™, Timbre Matching™, Adaptive Decorrelation™ THX Bass Peak Limiter™, Loudspeaker Position Time Synchronization™ (all-channel delays), in addition to tone control and parametric equalization. THX8 differs from the THX code in the sense that it can post process multichannel sources that have more than 5.1 discrete channels, such as DTS-ES Discrete 6.1 streams. Note: The tone control includes basic bass and treble control for each full bandwidth channel, including Surround Back channel (Sb). The parametric EQ can not be changed after kickstart. Delays are all channel. Please refer to AN163O for more information about the Home THX Cinema 7.1 Channel Post-Processor code. • TEX - THX Surround EX™ 5.1 Channel Post- Processor offers all of the post-processing features of the THX code, however TEX also offers the Surround EX module. The Surround EX module performs a matrix decode on Ls and Rs, using a Dolby Pro Logic decoder in 3 Channel Stereo mode, to create an additional back surround channel. This surround back channel is then copied to the output channels of Sbl and Sbr in order to give a 7.1 channel output. Note: The tone control includes basic bass and treble control for each full bandwidth channel, including Surround Back channel. The parametric EQ can not be changed after kickstart. Delays are all channel. Surround EX decoding should only be enabled when material is Dolby Surround EX encoded. Please refer to AN163H for more information about the THX Surround EX 5.1 Channel Post-Processor code. • TEXO - THX Surround EX™ 5.1 Channel Post-Processor offers all of the post-processing features of the TEX code, however TEXO also offers extended all channel delays (up to 105ms on all channels). Note: The tone control includes basic bass and treble control for each full bandwidth channel, including Surround Back channel. The parametric EQ can not be changed after kickstart. Delays are all channel. A 1MBit External SRAM (70nS) is required to be connect to the CS49330 in order for this code to function. Surround EX decoding should only be enabled when material is Dolby Surround EX encoded. Please refer to AN163H for more information about the THX Surround EX 5.1 Channel Post-Processor code. |