データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4932X データシート(PDF) 3 Page - Cirrus Logic

部品番号 CS4932X
部品情報  Part Matrix vs. Code Matrix for AVR/Outboard Decoder-based Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4932X データシート(HTML) 3 Page - Cirrus Logic

  CS4932X Datasheet HTML 1Page - Cirrus Logic CS4932X Datasheet HTML 2Page - Cirrus Logic CS4932X Datasheet HTML 3Page - Cirrus Logic CS4932X Datasheet HTML 4Page - Cirrus Logic CS4932X Datasheet HTML 5Page - Cirrus Logic CS4932X Datasheet HTML 6Page - Cirrus Logic CS4932X Datasheet HTML 7Page - Cirrus Logic CS4932X Datasheet HTML 8Page - Cirrus Logic CS4932X Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS4932X/CS49330
DS339AM3
3
•
AC3D - Virtual Dolby Digital™ (Dolby
Digital/Dolby Pro Logic decoder with PCM
input support + Dolby Virtualizer Module).
Offers ability to have virtualized 5.1 channel
output using only 2 speakers. The virtualizer
can be disabled, offering a full 5.1 channel
output if desired.
•
AC3I - Internal Boot Assist (IBA) program for
loading Dolby Digital/Dolby Pro Logic
decoder (with PCM input support) code from
internal ROM. Included in the cost of the
CS493253-CL or CS493263-CL.
Note: Please refer to AN163 for more detail regarding
the differences between IBA and Full Download
codes.
•
AC3R - Virtual Dolby Digital using SRS
TruSurround™ (Dolby Digital and Dolby Pro
Logic decoder with PCM input support + SRS
TruSurround Digital 5.1 Channel Virtualizer
Module). Offers ability to have virtualized 5.1
channel output using only 2 speakers. The
virtualizer can be disabled, offering a full 5.1
channel output if desired.
•
AC3X - Virtual Dolby Digital using VMAx™
Virtual Theater (Dolby Digital/Dolby Pro
Logic decoder with PCM input support +
VMAx Virtualizer Module). Offers ability to
have virtualized 5.1 channel output using only
2 speakers. The virtualizer can be disabled,
offering a full 5.1 channel output if desired.
•
CAR - Crystal Automotive DSP software is a
multi-channel PCM post processor capable of
accepting up to 8 PCM audio input channels.
Audio is processed in 8 blocks using
configurable audio processing modules. Each
block can be configured with one of the
modules or bypassed. The individual blocks are
highly configurable to allow each to act as a:
Fader, Dynamic Range Compressor (DRC),
Filter, Mixer, or Trim. Fs of PCM input must be
48kHz, 44.1kHz or 32kHz.
•
CS - SRS CircleSurround-5.1 is a PCM
Enhancement algorithm which accepts a 2
channel input and outputs up to 5.1 discrete
channels. This code also offers +/- 12dB of
Tone Control. Fs of PCM input must be 48kHz,
44.1kHz or 32kHz.
Note: Tone Control is implemented as individual bass
and treble control on the Left, Right, and Center
output channels.
•
CS2 - SRS CircleSurround II with Focus™ is
the next generation PCM Enhancement
algorithm from SRS Labs which accepts a 2
channel input and outputs up to 6.1 discrete
channels. This code also offers +/- 12dB of
Tone Control. Fs of PCM input must be 48kHz,
44.1kHz or 32kHz.
Note: Tone Control is implemented as individual bass
and treble control on the Left, Right, and Center
output channels.
•
DTEQ - DTS Digital Surround™ decoder with
Dolby Pro Logic decoder (for when input is 2
channel DTS). This code features a 5 Channel,
5 Band Graphic Equalizer.
®
®
®
®
®
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12