| データシートサーチシステム |
|
STAC9271 データシート(PDF) 156 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 データシート(HTML) 156 Page - Integrated Device Technology |
|
156 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 156 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL 6.23.2. DigOut0 PinCap [6] ProcWidget R 0x0 No Processing Controls parameter [5] Stripe R 0x0 No support for striping [4] FormatOvrd R 0x0 N/A for pin complex [3] AmpParOvrd R 0x0 No amplifier info; use default amplifier parameters from Audio Function node instead [2] OutAmpPrsnt R 0x0 No output amp [1] InAmpPrsnt R 0x0 No input amp [0] Stereo R 0x1 Stereo widget Table 356. DigOut0 PinCap Command Verb Format Verb ID Payload Response Get F00 0C See bitfield table. Table 357. DigOut0 PinCap Command Response Format Bit Bitfield Name RW Reset Description [31.:17] Rsvd2 R 0x0 Reserved [16] EapdCap R 0x0 This widget does not control EAPD pin [15.:8] VrefCntrl R 0x00 Vref generation not supported on this pin [7] Rsvd1 R 0x0 Reserved [6] BalancedIO R 0x0 Pin complex does not have balanced pins. [5] InCap R 0x0 Pin complex is not input capable. [4] OutCap R 0x1 Pin complex is output capable. [3] HdphDrvCap R 0x0 Pin does not have a headphone amplifier. [2] PresDtctCap R 0x0 Pin complex cannot perform Presence Detect. Table 355. DigOut0 WCap Command Response Format Bit Bitfield Name RW Reset Description |