| データシートサーチシステム |
|
STAC9271 データシート(PDF) 157 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 データシート(HTML) 157 Page - Integrated Device Technology |
|
157 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 157 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL 6.23.3. DigOut0 ConLst 6.23.4. DigOut0 ConLstEntry0 [1] TrigRqd R 0x0 N/A [0] ImpSenseCap R 0x0 Pin complex does not support impedance sense. Table 358. DigOut0 ConLst Command Verb Format Verb ID Payload Response Get F00 0E See bitfield table. Table 359. DigOut0 ConLst Command Response Format Bit Bitfield Name RW Reset Description [31.:8] Rsvd R 0x0 Reserved. [7] LForm R 0x0 Connection list uses short-form (7-bit) NID entries. [6.:0] ConL R 0x05 Number of NID entries in connection list. Table 360. DigOut0 ConLstEntry0 Command Verb Format Verb ID Payload Response Get F02 00 See bitfield table. Table 361. DigOut0 ConLstEntry0 Command Response Format Bit Bitfield Name RW Reset Description [31.:24] ConL3 R 0x1C ADC1Mux widget [23.:16] ConL2 R 0x1B ADC0Mux widget [15.:8] ConL1 R 0x1F ADAT Out Converter widget [7.:0] ConL0 R 0x1E SPDIF Out Converter widget Table 357. DigOut0 PinCap Command Response Format Bit Bitfield Name RW Reset Description |