データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSP56300 データシート(PDF) 41 Page - Freescale Semiconductor, Inc

部品番号 DSP56300
部品情報  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 データシート(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
Expanding the Viterbi Algorithm
Traceback: Obtaining the Decoder Output
Viterbi Decoder Implementation
3-13
For other codes that do not use this assumption, traceback can either begin at state 0
anyway (relying on the convergence of paths to give the correct output at the traceback
depth) or the decoder can search for the state with the maximum path metric to begin
the traceback.
3.6
TRACEBACK: OBTAINING THE DECODER OUTPUT
This section presents the code needed to obtain the decoder output from the stored path
data. For this example, we have data organized in blocks of 168 bits. Because the encoder
is flushed to the zero state at the end, and the data for all 168 bits is stored, the traceback
can obtain the entire block at once. The most complicated portion of this code is the need
to obtain the pointer to the next previous state from the current path data.
The code listings for storage and traceback appear in Example 3-3 and Example 3-4,
respectively.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More