| データシートサーチシステム |
|
DSP56300 データシート(PDF) 52 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56300 データシート(HTML) 52 Page - Freescale Semiconductor, Inc |
|
52 / 108 page ![]() 4-4 Viterbi Decoder Implementation Algorithmic Extensions Allowing More General Branch Metrics 4.2.1 Modify Viterbi Butterfly Begin modification with the butterfly loop. The code from Section 3 reads in the branch metric from y memory near the loop end (the y:(r0)+,y1 that appears two lines from _P_NextStage). The easiest way to get two branch metrics is to do long reads on the branch metrics. For the code in Section 3, however, finding the space to do the extra branch read is harder. Most of the data movement is tightly controlled and cannot be moved in the code without disrupting the data flow. Instead, we can make use of the pipeline stall in the Viterbi butterfly loop. The modified code appears in Example 4-1. Example 4-1 Modified Viterbi Butterfly ;*******************viterbi add, compare, select butterfly macro*** ; FUNCTION: Update path metrics/paths for the Viterbi algorithm by ; doing an add,compare,select update for state pairs. ; INPUTS: ; r2 should point to the beginning of the branch metric table ; r2 should point to the beginning of the branch metric table ; r5 should point to the latest path metric for state 0 ; r4 should point to the storage location for updated state 0 ; n5 should offset addresses by NUMSTATES/2 ; OUTPUTS: ; Updated path metrics/paths stored in XY memory ; REGISTERS USED: ; a,b,y01,r2,r4,r5,n5 r2 unchanged (modulo req'd) ; Registers: ; r5, pointer to the path metric/path table, arranged as ; x: path metric, y: path,states ordered assuming ; bits shift right to left. ; r4, pointer to the output path metric/path table ; r0, pointer to the branch metric table, arranged ; as x:C, y:D, CD,CD,CD, etc. ; ; SA------NSA ; \ C / ; D \ / ; \/ ; /\ ; D / \ ; / \ ; SB------NSB ; C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |