| データシートサーチシステム |
|
DSP56300 データシート(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56300 データシート(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 108 page ![]() 3-20 Viterbi Decoder Implementation Expanding the Viterbi Algorithm Memory Organization The path metric/path memory must start on a 0 mod 2*NUMSTATES boundary for the modulo addressing to work properly. In addition, the Branch metric storage BRY must start on a 0 mod NUMSTATES/2 boundary to operate correctly. Finally, the storage of the input data must be paired in X and Y memory, because we do long moves to get the decoder input data pairs into the branch metric calculation. Example 3-8 Memory Organization Code ;**********************MEMORY ORGANIZATION**************************** ; MOST OF THE MEMORY LOCATION IS IMPORTANT--THE FIRST TWO ; LABELS OF THE X AND Y DATA MEMORY ARE PAIRED AND MUST ; BE CO LOCATED (AT THE SAME ADDRESSES). IN ADDITION, STATE1 ; AND STATE2 MUST BE LOCATED ON A 0 MOD 2*NUMSTATES BOUNDARY, ; BRY MUST BE ON A 0 MOD NUMSTATES/2 BOUNDARY. ; X and Y memory for input data must be paired --GOOD LUCK..... ;********************************************************************* ; org x:$0 STATE1 DC $0ff,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 DC $0,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 STATE2 DC $0ff,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 DC $0,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 ; PATHOUT DS NUMSTATES*(NUMINPUTS/8+1) INDATA ;THIS DATA ENCODES ;$1234,$5678,$9abc,$4973,$7925,$3491,$ad43,$ff21,$7ebb,$0100,$00 ;.... ;I didnÕt include the test data in this listing... org y:$0 PATH1 DC $0,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 DC $0,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 PATH2 DC $0,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 DC $0,$0,$0,$0,$0,$0,$0,$0,0,0,0,0,0,0,0,0 BRY DSM NUMSTATES/2 DECOUT DS NUMINPUTS/8 org y:@cvs(y,INDATA) YDATA DC $a000,$a000,$a000,$6000;.... Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |