データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DCS-7308XFM-R データシート(PDF) 5 Page - Arista Networks, Inc

部品番号 DCS-7308XFM-R
部品情報  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARISTA [Arista Networks, Inc]
ホームページ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308XFM-R データシート(HTML) 5 Page - Arista Networks, Inc

  DCS-7308XFM-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Chapter
1
Overview
1.1
Scope
This guide is intended for properly trained service personnel and technicians who need to install Arista
Networks Data Center Switches.
This guide is intended for the following Arista Networks Data Center Switches:
DCS-7304
DCS-7304X3
DCS-7308
DCS-7308X3
DCS-7316
DCS-7324
DCS-7328
Important: Only qualified personnel should install, service, or replace this equipment.
Seul le personnel qualifié doit installer, service, ou remplacer cet équipement.
1.2
Receiving and Inspecting the Equipment
Upon receiving the switch, inspect the shipping boxes and record any external damage. Retain
packing materials if you suspect that part of the shipment is damaged; the carrier may need to inspect
them.
If the boxes were not damaged in transit, unpack them carefully. Ensure that you do not discard any
accessories that may be packaged in the same box as the main unit.
Inspect the packing list and confirm that you received all listed items. Compare the packing list with
your purchase order. Parts List provides a list of components included with the switch.
1.3
Installation Process
The following tasks are required to install and use the switch:
1. Select and prepare the installation site (Site Selection).
2. Assemble the installation tools listed (Tools Required for Installation).
3. Attach the mounting brackets and install the switch in an equipment rack (Two-Post Rack Mount ).
4. Connect the switch to the power source and network devices ( Powering the Modular Switch and
Connecting Serial and Management Cables).
5. Configure the switch (Configuring the Switch).
Important: Class 1 Laser Product: This product has provisions to install Class 1 laser
transceivers that provides optical coupling to the communication network. Once a Class
1 laser product is installed, the equipment is a Class 1 Laser Product (Appareil à Laser
de Classe 1). The customer is responsible for selecting and installing the Class 1 laser
transceiver and for insuring that the Class 1 AEL (Allowable Emission Limit) per EN/IEC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66