データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DCS-7308XFM-R データシート(PDF) 19 Page - Arista Networks, Inc

部品番号 DCS-7308XFM-R
部品情報  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARISTA [Arista Networks, Inc]
ホームページ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308XFM-R データシート(HTML) 19 Page - Arista Networks, Inc

Back Button DCS-7308XFM-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 17Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 18Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 19Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 20Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 21Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 22Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 23Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Rack Mounting the Switch
3.2
Four-Post Rack Mount
The switch is mounted onto a four-post rack by assembling a shelf into the rack, then attaching the
switch on the shelf.
The four-post rack mount instructions include these sections:
•
Component Description
•
Component Placement
•
Switch Mounting Process
3.2.1
Component Description
The four-post mount accessory kit contains these components:
•
1 Left Shelf and 1 Right Shelf (Shelves)
•
2 Mounting Ears (Mounting Ears)
Note: Components are designed for tool-less installation in square-hole racks. To install the
switch in round hole or threaded hole racks, remove all rack plugs from rail kit, if required
(described below), and attach all components with nuts and bolts that fit the rack.
The finished assembly for rack mounting the device is shown in Figure 6: Left Shelf – Inner View.
Detailed mounting instructions for all rack types start from Shelf Installation.
Figure 5: Switch Shelves Installed
Note: The parts list for rack kit installations for round and threaded hole racks are listed in
Parts List.
3.2.1.1
Shelves
The two shelves are almost identical, differing in that 1) they are mirror-images of each other, and 2)
the left shelf includes a stabilizer bar. Each shelf is a two-piece mechanism. The base includes the
surface upon which the switch is placed and is oriented towards the front of the rack. The slide-end
adjusts the shelf’s length for fitting the shelf between front and rear posts of various size racks.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com