データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DCS-7308XFM-R データシート(PDF) 51 Page - Arista Networks, Inc

部品番号 DCS-7308XFM-R
部品情報  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARISTA [Arista Networks, Inc]
ホームページ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308XFM-R データシート(HTML) 51 Page - Arista Networks, Inc

Back Button DCS-7308XFM-R Datasheet HTML 47Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 48Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 49Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 50Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 51Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 52Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 53Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 54Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 55Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Appendix
C
Parts List
Each switch provides an accessory kit that contains parts that are required to install the switch into
a four-post rack. Two-post rack mount parts are available through your sales representative. The
following sections list the installation parts provided by the accessory kit.
C.1
Parts Used in All Configurations
Quantity
Description
One for each AC power supply
module supplied with switch.
Power cables: 14 AWG, C19-C20.
One for each DC power supply
module supplied with switch.
DC Adapter (Arista part number CON-00581; part number
G10TBL2021100211HR; Figure 36: DC Adapter ), Terminal
Block, M4 Lug.
One
RJ-45 Patch Panel Cables, 2 meters.
One
RJ-45 to DB9 Adapter Cable, 2 meters.
Warning: All provided power cables are for use only with Arista products.
Figure 36: DC Adapter
C.2
Four-Post Rack Mount Parts
Quantity
Description
2
Mounting Ears
1
Left shelf
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com