データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1054 データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DAC1054
部品情報  Quad 10-Bit Voltage-Output Serial D/A Converter with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1054 データシート(HTML) 2 Page - National Semiconductor (TI)

  DAC1054 Datasheet HTML 1Page - National Semiconductor (TI) DAC1054 Datasheet HTML 2Page - National Semiconductor (TI) DAC1054 Datasheet HTML 3Page - National Semiconductor (TI) DAC1054 Datasheet HTML 4Page - National Semiconductor (TI) DAC1054 Datasheet HTML 5Page - National Semiconductor (TI) DAC1054 Datasheet HTML 6Page - National Semiconductor (TI) DAC1054 Datasheet HTML 7Page - National Semiconductor (TI) DAC1054 Datasheet HTML 8Page - National Semiconductor (TI) DAC1054 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (AVCC DVCC)7V
Supply Voltage Difference (AVCC–DVCC)
g
55V
Voltage at Any Pin (Note 3)
GND b03V to
AVCC DVCC a03V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 4)
30 mA
Power Dissipation (Note 5)
950 mW
ESD Susceptibility (Note 6)
Human Body Model
2000V
Machine Model
200V
Soldering Information
N Package (10 sec)
260 C
SO Package
Vapor Phase (60 sec)
215 C
Infrared (15 sec) (Note 7)
220 C
Storage Temperature
b
65 Cto a150 C
Operating Ratings (Notes12)
Supply Voltage
45V to 55V
Supply Voltage Difference (AVCC b DVCC)
g
1V
Temperature Range
TMIN k TA k TMAX
DAC1054CIN DAC1054CIWM
b
40 C k TA k 85 C
DAC1054CMJ883
b
55 C k TA k 125 C
Converter Electrical Characteristics
The following specifications apply for AVCC e DVCC e 5V VREF e 265V VBIAS e 14V RL e 2kX (RL is the load resistor on
the analog outputs – pins 2 13 17 and 23) and fCLK e 10 MHz unless otherwise specified Boldface limits apply for TA
e
TJ from TMIN to TMAX All other limits apply for TA e 25 C
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 8)
(Note 9)
(Limits)
STATIC CHARACTERISTICS
n
Resolution
10
10
bits
Monotonicity
(Note 10)
10
10
bits
Integral Linearity Error
(Note 11)
DAC1054CIN DAC1054CIWM
g
075
LSB (max)
Differential Linearity Error
g
10
LSB (max)
Fullscale Error
(Note 12)
g
30
mV
Fullscale Error Tempco
(Note 13)
b
38
ppm C
Zero Error
(Note 14)
g
25
mV
Zero Error Tempco
(Note 13)
b
38
ppm C
Power Supply Sensitivity
(Note 15)
b
34
dB (max)
DYNAMIC CHARACTERISTICS
tsa
Positive Voltage Output
(Note 16)
18
32
m
s
Settling Time
CL e 200 pF
tsb
Negative Voltage Output
(Note 16)
23
37
m
s
Settling Time
CL e 200 pF
Digital Crosstalk
(Note 17)
15
mVp-p
Digital Feedthrough
(Note 18)
15
mVp-p
Clock Feedthrough
(Note 19)
20
mVp-p
Channel-to-Channel Isolation
(Note 20)
b
71
dB
Glitch Energy
(Note 21)
7
nVbs
Peak Value of Largest Glitch
38
mV
PSRR
Power Supply Rejection Ratio
(Note 22)
b
49
dB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com