データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1054 データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DAC1054
部品情報  Quad 10-Bit Voltage-Output Serial D/A Converter with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1054 データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button DAC1054 Datasheet HTML 6Page - National Semiconductor (TI) DAC1054 Datasheet HTML 7Page - National Semiconductor (TI) DAC1054 Datasheet HTML 8Page - National Semiconductor (TI) DAC1054 Datasheet HTML 9Page - National Semiconductor (TI) DAC1054 Datasheet HTML 10Page - National Semiconductor (TI) DAC1054 Datasheet HTML 11Page - National Semiconductor (TI) DAC1054 Datasheet HTML 12Page - National Semiconductor (TI) DAC1054 Datasheet HTML 13Page - National Semiconductor (TI) DAC1054 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Digital Interface (Continued)
Table III lists the instruction set for the READ mode By the
appropriate setting of the global (G) and address (A1 and
A0) bits one can select a specific DAC to be read or one
can read all the DACs in succession starting with DAC 1
The RF bit determines whether the data changes on the
rising or the falling edge of the system clock With the RF
bit high DO goes out of TRI-STATE on the rising edge that
occurs 1
clock cycles after the end of the instruction byte
the data will continue to be sequentially clocked out by the
following rising clock edges With the RF bit low DO goes
out of TRI-STATE on the falling edge that occurs 1 clock
cycle after the end of the instruction byte the data will con-
tinue to be sequentially clocked by the next falling clock
edges The rising edge of CS returns DO to TRI-STATE
Read back with the RF bit set high is not MICROWIRE
compatible One can choose to read the data back MSB
first or LSB first by setting the ML bit (See
Figures 3 and
4 )
TABLE III READ MODE Instruction Set
SB
RDWR
G
RF
ML
A1
A0
Description
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
1
1
0
0
0
0
0
Read DAC 1 LSB first data changes on the falling edge
1
1
0
0
0
0
1
Read DAC 2 LSB first data changes on the falling edge
1
1
0
0
0
1
0
Read DAC 3 LSB first data changes on the falling edge
1
1
0
0
0
1
1
Read DAC 4 LSB first data changes on the falling edge
1
1
0
0
1
0
0
Read DAC 1 MSB first data changes on the falling edge
1
1
0
0
1
0
1
Read DAC 2 MSB first data changes on the falling edge
1
1
0
0
1
1
0
Read DAC 3 MSB first data changes on the falling edge
1
1
0
0
1
1
1
Read DAC 4 MSB first data changes on the falling edge
1
1
0
1
0
0
0
Read DAC 1 LSB first data changes on the rising edge
1
1
0
1
0
0
1
Read DAC 2 LSB first data changes on the rising edge
1
1
0
1
0
1
0
Read DAC 3 LSB first data changes on the rising edge
1
1
0
1
0
1
1
Read DAC 4 LSB first data changes on the rising edge
1
1
0
1
1
0
0
Read DAC 1 MSB first data changes on the rising edge
1
1
0
1
1
0
1
Read DAC 2 MSB first data changes on the rising edge
1
1
0
1
1
1
0
Read DAC 3 MSB first data changes on the rising edge
1
1
0
1
1
1
1
Read DAC 4 MSB first data changes on the rising edge
1
1
1
0
0
1
0
Read all DACs LSB first data changes on the falling edge
1
1
1
0
1
1
0
Read all DACs MSB first data changes on the falling edge
1
1
1
1
0
1
0
Read all DACs LSB first data changes on the rising edge
1
1
1
1
1
1
0
Read all DACs MSB first data changes on the rising edge
Power Fail Function
The DAC1054 powers up with the INT pin in a Low state To
force this output high and reset this flag the CS pin will have
to be brought low When this is done the INT output will be
pulled high again via an external 10 kX pull-up resistor Any-
time a power failure occurs on the DVCC line the INT will be
set low when power is reapplied This feature may be used
by the microprocessor to discard data whose integrity is in
question
Power Supplies
The DAC1054 is designed to operate from a a5V (nominal)
supply There are two supply lines AVCC and DVCC These
pins allow separate external bypass capacitors for the ana-
log and digital portions of the circuit To guarantee accurate
conversions the two supply lines should each be bypassed
with a 01 mF ceramic capacitor in parallel with a 10 mF
tantalum capacitor
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com