データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8268 データシート(PDF) 85 Page - ams AG

部品番号 AS8268
部品情報  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8268 データシート(HTML) 85 Page - ams AG

Back Button AS8268 Datasheet HTML 81Page - ams AG AS8268 Datasheet HTML 82Page - ams AG AS8268 Datasheet HTML 83Page - ams AG AS8268 Datasheet HTML 84Page - ams AG AS8268 Datasheet HTML 85Page - ams AG AS8268 Datasheet HTML 86Page - ams AG AS8268 Datasheet HTML 87Page - ams AG AS8268 Datasheet HTML 88Page - ams AG AS8268 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 85 of 136
FLASH Memory Reliability
The 32kByte Flash memory implemented in the AS8267 / AS8268 ICs provide an outstanding performance in
respect to data retention time and endurance.
Endurance is the parameter that specifies the cumulative write/erase cycles of the memory cells within the
Flash memory. The data retention time of a Flash memory is a critical end-of-life parameter. This parameter
specifies the maximum period of time, after programming, that data can be expected to be retrieved valid from
the memory.
According to the JEDEC A117 specification the Flash memory has a minimum endurance of 100,000 cycles and
a retention time of 500 years at 65°C.
Data Retention EEPROM austriamicrosystems AG Ea=0.6eV
0
25
50
75
100
125
150
175
200
225
250
275
300
75
85
95
105
115
125
135
145
Junction Temperature [°C]
FLASH Security
The AS8267 / AS8268 comprise of two different possibilities to protect Flash content against copying and
manipulation.
The detailed implementation will be explained in this chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More