| データシートサーチシステム |
|
AS8268 データシート(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8268 データシート(HTML) 32 Page - ams AG |
|
32 / 136 page ![]() Data Sheet AS8267 / AS8268 Revision 1.0, 19-Jun-07 Page 32 of 136 Rate Pulse et arg T ) ref ( PR Ni = (Important: Select a pulse rate which is close to mconst, for the Target Pulse Rate, so that the Pulse_lev stays within reasonable limits.) After this calibration the energy equivalent of 1 fast pulse (1i) is different! Standard: internal pulse rate: 204,800i/klWh [] Ws 58 . 17 800 , 204 Ws 600 , 3 000 , 1 i 1 = × = ⇒ When a special pulse rate is required, the following formula applies: [] Ws e etPulseRat arg T PulseRate LED 800 , 204 600 , 3 000 , 1 i 1 × × = ⇒ Example: Assuming a pulse rate of 1,000 is required: 1,600 → 204,800 1,000 → 204,800 x 1,000/1,600 [] Ws 13 . 28 600 , 1 / 000 , 1 800 , 204 Ws 600 , 3 000 , 1 i 1 = × × = ⇒ Mains Current Leads/Lags Mains Voltage The i_lead flag in the SREG/Status register determines if the mains current leads the mains voltage or lags the mains voltage. The data is provided for reactive power calculation, to establish if the measured power is capacitive or inductive. |