| データシートサーチシステム |
|
AS8268 データシート(PDF) 61 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8268 データシート(HTML) 61 Page - ams AG |
|
61 / 136 page ![]() Data Sheet AS8267 / AS8268 Revision 1.0, 19-Jun-07 Page 61 of 136 SEL_IN_RXD2 (950Bh) The SEL_IN_RXD2 register selects which I/O input is used for the special input signal ‘rxd2’ (UART2 receive input). Any one of the I/Os from IO0 to IO11 may be selected for this purpose. The select bits are defined in the following table: MSB LSB 0 0 0 0 sel3 sel2 sel1 sel0 MSB LSB Input 0 0 0 0 0 0 0 0 IO0 0 0 0 0 0 0 0 1 IO1 0 0 0 0 0 0 1 0 IO2 0 0 0 0 0 0 1 1 IO3 0 0 0 0 0 1 0 0 IO4 0 0 0 0 0 1 0 1 IO5 0 0 0 0 0 1 1 0 IO6 0 0 0 0 0 1 1 1 IO7 0 0 0 0 1 0 0 0 IO8 0 0 0 0 1 0 0 1 IO9 0 0 0 0 1 0 1 0 IO10 0 0 0 0 1 0 1 1 IO11 AS8268 only SEL_IN_REFP (950Ch) The SEL_IN_REFP register selects which I/O input is to be used for reference pulses. Any one of the I/Os from IO0 to IO11 may be selected for this purpose. The select bits are defined in the following table: MSB LSB 0 0 0 0 sel3 sel2 sel1 sel0 MSB LSB Input 0 0 0 0 0 0 0 0 IO0 0 0 0 0 0 0 0 1 IO1 0 0 0 0 0 0 1 0 IO2 0 0 0 0 0 0 1 1 IO3 0 0 0 0 0 1 0 0 IO4 0 0 0 0 0 1 0 1 IO5 0 0 0 0 0 1 1 0 IO6 |