データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW5098BBLR データシート(PDF) 52 Page - STMicroelectronics

部品番号 STW5098BBLR
部品情報  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR データシート(HTML) 52 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 48Page - STMicroelectronics STW5098BBLR Datasheet HTML 49Page - STMicroelectronics STW5098BBLR Datasheet HTML 50Page - STMicroelectronics STW5098BBLR Datasheet HTML 51Page - STMicroelectronics STW5098BBLR Datasheet HTML 52Page - STMicroelectronics STW5098BBLR Datasheet HTML 53Page - STMicroelectronics STW5098BBLR Datasheet HTML 54Page - STMicroelectronics STW5098BBLR Datasheet HTML 55Page - STMicroelectronics STW5098BBLR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
Control interface and master clock
STw5098
52/85
Figure 8.
Control interface: SPI format timing
tDDO
tDDOL
tDDOF
SPIOHIZ=0
SPIOHIZ=1
tSCSF
tHSCK
tLSCK
tSDI
tHDI
tSCSR
tHICS
SDIN
SDO
SCLK
CSB
15
8
0
W/R
D7
D7
D0
D0
tPSCK
tHCS
Table 31.
Control interface signal timing with SPI format
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tHICS
CSB pulse width high
80
ns
tSCSR
Setup time CSB rising
edge to SCLK rising edge
20
ns
tSCSF
Setup time CSB falling
edge to SCLK rising edge
20
ns
tHCS
Hold time CSB rising edge
from SCLK rising edge
20
ns
tSDI
Setup time SDIN to SCLK
rising edge
20
ns
tHDI
Hold time SDIN from SCLK
rising edge
20
ns
tDDOF
SDO first Delay time from
SCLK falling edge
30
ns
tDDO
SDO Delay time from
SCLK falling edge
20
ns
tDDOL
SDO Delay time from CSB
rising edge
30
ns
tPSCK
Period of SCK
100
ns
tHSCK
SCK pulse width high
Measured from VIH to VIH
40
ns
tLSCK
SCK pulse width low
Measured from VIL to VIL
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com