| データシートサーチシステム |
|
STR710FZ2T6 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ2T6 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 77 page ![]() System architecture STR71xF 12/77 Legend / abbreviations for Table 3: Type: I = input, O = output, S = supply, HiZ= high impedance, In/Output level: C = CMOS 0.3VDD/0.7VDD CT= CMOS 0.3VDD/0.7VDD with input trigger TT= TTL 0.8V/2V with input trigger C/T = Programmable levels: CMOS 0.3VDD/0.7VDD or TTL 0.8V / 2V Port and control configuration: Input: pu/pd= software enabled internal pull-up or pull down pu= in reset state, the internal 100k Ω weak pull-up is enabled. pd = in reset state, the internal 100k Ω weak pull-down is enabled. Output: OD = open drain (logic level) PP = push-pull T = true OD, (P-Buffer and protection diode to VDD not implemented), 5V tolerant. Table 2. STR710 BGA ball connections ABC D E F G H J K L M 1 P0.10 P2.0 P2.1 VSS P2.2 P2.6 BOOT EN P2.12 P2.13 P2.15 JTDI N.C. 2 VSS RDn P0.11 V33 P2.3 P2.8 P2.9 JTMS JTRST n TEST TEST N.C. 3 V33 P0.9 P0.12 P0.13 P2.4 N.C. P2.10 JTCK NU V33 N.C. DBG RQS 4 P0.6 P0.7 P0.8 P0.14 P2.5 N.C. P2.11 JTDO CK CKOUT VSSIO- PLL N.C. 5 A.19 WEn.1 WEn.0 P0.5 P2.7 VSS P2.14 N.C. RTCX- TO RTCXTI N.C. P0.15 6 P0.3 A.15 A.16 A.17 A.18 V33 V18 N.C. N.C. V18BK P VSS BKP STDBY 7 P0.2 P0.1 P0.4 VSS18 V18 A.14 D.12 D.1 D.0 nc VSS18 RSTIN 8 A.9 A.10 A.11 A.13 P0.0 A.0 D.11 P1.12/ CANTX N.C. AVSS D.3 D.2 9 VSS V33 A.5 A.6 V33 D.15 D.10 P1.8 D.9 P1.0 N.C. N.C. 10 A.8 N.C. P1.15 P1.13 VSS D.14 USBDN P1.7 D.8 P1.5 P1.1 D.4 11 A.7 N.C. P1.14 P1.10 A.2 D.13 USBDP VSS D.5 P1.4 P1.3 AVDD 12 A.12 A.4 A.3 P1.9 A.1 P1.11/ CANRX N.C. V33IO- PLL P1.6 D.7 D.6 P1.2 |