| データシートサーチシステム |
|
STR710FZ2T6 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ2T6 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 77 page ![]() STR71xF System architecture 23/77 1)CANTX and CANRX in STR712F only, in STR715F they are general purpose I/Os. Legend / abbreviations for Table 6: Type: I = input, O = output, S = supply, HiZ= high impedance, In/Output level: C = CMOS 0.3VDD/0.7VDD CT= CMOS 0.8V / 2V with input trigger TT= TTL 0.3V/0.7VDD with input trigger C/T = Programmable levels: CMOS 0.3VDD/0.7VDD or TTL 0.8V / 2V Port and control configuration: Input: pu/pd= software enabled internal pull-up or pull down pu= in reset state, the internal 100k Ω weak pull-up is enabled. pd = in reset state, the internal 100k Ω weak pull-down is enabled. Output: OD = open drain (logic level) PP = push-pull T = true OD, (P-Buffer and protection diode to VDD not implemented), 5V tolerant. Table 5. STR712/715 BGA Ball Connections ABCD E F G H 1 P0.10 P0.11 P0.12 P0.14 V33 JTCK TEST V33IO- PLL 2 P0.9 VSS P0.13 VSS JTMS JTRSTn P0.15 VSSIO- PLL 3 P0.5 P0.7 BOOTEN JTDI NU STDBY RTCXTI CK 4 VSS18 VSS P0.8 JTDO AVDD V18BKP RSTIN RTCXTO 5 P0.2 P0.4 V18 P0.6 P1.9 P1.0 V18 VSSBKP 6 V33 P0.1 P0.3 P1.13 P1.11/ CANRX1) VSSIO- PLL AVSS VSS18 7 VSS P0.0 P1.10 P1.12/ CANTX1) P1.7 P1.6 P1.5 P1.1 8 P1.15 P1.14 VSS P1.8 V33IO- PLL P1.4 P1.3 P1.2 |