| データシートサーチシステム |
|
STE2004SDIE2 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 79 page ![]() STE2004S ID-number 59/79 Figure 65. Application schematic using the internal LCD voltage generator and two separate supplies Figure 66. Application schematic using the internal LCD voltage generator and a single supply VDD2 VDD1 VDD2 I/O VDD1 VSS VLCDSENSE VLCD VSS 65 x 102 DISPLAY 32 102 33 1 µF1µF 1 µF VDD VDD2 I/O VDD1 VSS VLCDSENSE VLCD VSS 32 33 1 µF 65 x 102 DISPLAY 102 1 µF |