| データシートサーチシステム |
|
STE2004SDIE2 データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 79 page ![]() STE2004S Bus interfaces 43/79 Figure 50. 8080-series parallel bus protocol - several bytes transmission Figure 51. 8080-series parallel interface protocol in reading mode Figure 52. 8080-series parallel interface protocol in reading mode (several bytes) D/C CS WR D0 to D7 RD LR0084 D/C CS RD D0 to D7 WR LR0085 D/C CS RD D0 to D7 WR Note 1) Data Bus is configured in high impedence mode after every RD rising edge 2) Always the same data is output on D0-D7 LR0045 |