| データシートサーチシステム |
|
STE2004SDIE2 データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 79 page ![]() Instruction set STE2004S 48/79 Table 14. Vlcd range selection PRS[1] PRS[0] Description Reset state 00 2.94 0 1 6.78 10 10.62 11 10.62 Table 15. Multiplexing ratio M[1] M[0] Description Reset state 00 49 0 1 65 01 10 33 1 1 Not Allowed Table 16. Temperature coefficient (T0, T1, T2) T2 T1 T0 Description Reset state 0 0 0 VLCD temperature coefficient 0 0 0 1 VLCD temperature coefficient 1 0 1 0 VLCD temperature coefficient 2 0 1 1 VLCD temperature coefficient 3 000 1 0 0 VLCD temperature coefficient 4 1 0 1 VLCD temperature coefficient 5 1 1 0 VLCD temperature coefficient 6 1 1 1 VLCD temperature coefficient 7 Table 17. Temperature coefficient (TC0, TC1) TC1 TC0 Description Reset state 0 0 VLCD temperature coefficient 0 0 1 VLCD temperature coefficient 2 00 0 1 VLCD temperature coefficient 3 1 1 VLCD temperature coefficient 6 |