| データシートサーチシステム |
|
TMP93CS32F データシート(PDF) 56 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F データシート(HTML) 56 Page - Toshiba Semiconductor |
|
56 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-54 3.5.6 Port 5 (P50 to P55) Port 5 is an 6-bit input port, also used as an analog input pin for the internal AD Converter. Additionally, P53 is also used as an analog conversion external trigger input pin ( ADTRG ). Figure 3.5.12 Port 5 Port 5 Register 7 6 5 4 3 2 1 0 Bit symbol P55 P54 P53 P52 P51 P50 Read/Write R After reset Undefined P5 (000DH) Function Input mode Note: The input channel selection of AD Converter is set by AD Converter mode register ADMOD1. Figure 3.5.13 Registers for Port 5 ADTRG AD read Port 5 P50 to P52 (AN0 to AN2) P53 (AN3/ ADTRG ) P54, P55 (AN4, AN5) Conversion result register Channel selector Port 5 read AD converter Only for P53 function |