| データシートサーチシステム |
|
TMP93CS32F データシート(PDF) 60 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F データシート(HTML) 60 Page - Toshiba Semiconductor |
|
60 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-58 3.5.8 Port 7 (P70 and P71) Port 7 is an 2-bit general-purpose I/O port. I/O can be set on a bit basis. Port 7 can output large current and drive LED directly. In addition to I/O port, Port 70 also shares functions as WAIT input pin. Resetting sets the function register P7CR to 0, and all bits to input ports. Figure 3.5.18 Port 71 to 77 Direction control (on bit basis) Reset P7CR write P7 read P70 ( WAIT ) P7 write WAIT S Output latch S B Selector A Direction control (on bit basis) Reset P7CR write P7 read P71 P7 write S Output latch S B Selector A |