| データシートサーチシステム |
|
TMP93CS32F データシート(PDF) 154 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F データシート(HTML) 154 Page - Toshiba Semiconductor |
|
154 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-152 (3) Read cycle Note: Since the CPU accesses the internal area to read data from a port, the control signals of external pins such as RD and CS are not enabled. Therefore, the above waveform diagram should be regarded as depicting internal operation. Please also note that the timing and AC characteristics of port input/output shown above are typical representation. For details, contact your local Toshiba sales representative. X1 tOSC tCLK tAK tKA tCW tAWH tAWL tAPH tAPH2 tADH tRR tCA tRAE tHR tCL tLA tAL tLL tLC tACL A0 to A15 CLK A0 to A23 WAIT Port input (Note) RD AD0 to AD15 ALE D0 to D15 tACH tRD tADL |