| データシートサーチシステム |
|
TMP93CS32F データシート(PDF) 176 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F データシート(HTML) 176 Page - Toshiba Semiconductor |
|
176 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-174 7. Points of Note and Restriction (1) Notation 1. Explanation of a built-in I/O register: register symbol <bit symbol> e.g.) TRUN<T0RUN> … Bit T0RUN of Register TRUN 2. Read, modify and write instruction An instruction in which the CPU executes following by one instruction. 1. CPU reads data of the memory. 2. CPU modifies the data. 3. CPU writes the data to the same memory. ex1) SET 3, (TRUN) … Set bit3 of TRUN ex2) INC 1, (100H) … Increment the data of 100H • A sample read, modify and write instructions using the TLCS-900 Exchange EX (mem), R Arithmetic operation ADD (mem), R/# ADC (mem), R/# SUB (mem), R/# SBC (mem), R/# INC #3, (mem) DEC #3, (mem) Logical operation AND (mem), R/# OR (mem), R/# XOR (mem), R/# Bit manipulation STCF #3/A, (mem) SET #3, (mem) RES #3, (mem) TSET #3, (mem) CHG #3, (mem) Rotate and shift RLC (mem) RRC (mem) RL (mem) RR (mem) SLA (mem) SRA (mem) SLL (mem) SRL (mem) RLD (mem) RRD (mem) 3. fc, fFPH, fSYS, 1 state The clock frequency input from pins X1 and X2 is called fc. The clock frequency selected by SYSCR1<GEAR2:0> is called system clock fFPH, and the clock frequency given by fFPH divided by 2 is called fSYS. One cycle of fSYS is called 1 state. |