| データシートサーチシステム |
|
TMP93CS40 データシート(PDF) 35 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 データシート(HTML) 35 Page - Toshiba Semiconductor |
|
35 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-33 Note: Port registers are used for controlling programmable pull up/pull down. If a pin can be used for an output function (e.g., P71/TO1) and the output function is specified, whether pull up or pull down is selected depends on the output function data. If a pin can be used for an input function, whether pull up or pull down is selected depends on the port register setting value only. |