| データシートサーチシステム |
|
TMP93CS40 データシート(PDF) 83 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 データシート(HTML) 83 Page - Toshiba Semiconductor |
|
83 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-81 (4) Port 95 (SCLK1) Port 95 is a general-purpose I/O port. It is also used as a SCLK1 I/O pin for serial channel 1. Figure 3.5.24 Port 95 Direction control (on bit basis) Reset P9CR write P95 (SCLK1) P9 write P9 read Function control (on bit basis) P9FC write P-ch Programmable pull-up resistor S Output latch SCLK1 Selector A B S Selector B A S SCLK1 |