| データシートサーチシステム |
|
TMP93CS40 データシート(PDF) 78 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 データシート(HTML) 78 Page - Toshiba Semiconductor |
|
78 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-76 (2) P87 (INT0) Port 87 is a general-purpose I/O port, and is also used as an INT0 pin for external interrupt request input. Figure 3.5.19 Port 87 Programmable pull-up resistor P-ch Reset S Output latch P87 (INT0) P8 write P8 read Direction control (on bit basis) P8CR write Selector A B S INT0 interrupt Level/edge detect IIMC<I0IE> IIMC<I0LE> |