| データシートサーチシステム |
|
TMP93CS40 データシート(PDF) 158 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 データシート(HTML) 158 Page - Toshiba Semiconductor |
|
158 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-156 7 6 5 4 3 2 1 0 Bit symbol PAT1 CCW1 PG1M PG1TE PAT0 CCW0 PG0M PG0TE Read/Write R/W R/W After reset 0 0 0 0 0 0 0 0 Function PG1 write mode 0: 8-bit write 1: 4-bit write PG1 rotation direction 0: Normal rotation 1: Reverse rotation PG1 mode (Excitation) 0: 1-step excitation or 2-step excitation 1: 1 to 2 step excitation PG1 trigger input enable 0: Disable 1: Enable PG0 write mode 0: 8-bit write 1: 4-bit write PG0 rotation direction 0: Normal rotation 1: Reverse rotation PG0 mode (Excitation) 0: 1-step excitation or 2-step excitation 1: 1 to 2 step excitation PG0 trigger input enable 0: Disable 1: Enable Figure 3.10.3 Pattern Generation Control Register (PG01CR) (2/2) PG01CR (004EH) 0 1- or 2-step excitation (Full step) 1 1-to-2 step excitation (Half step)/PG mode Set the operation mode for PG1 0 Trigger input disable for PG1 1 Trigger input enable for PG1 PG1 trigger input enable 0 Normal rotation/PG mode 1 Reverse rotation PG1 (Stepping motor control) Rotating direction control 0 8-bit write 1 4-bit write/PG mode (Only the shift alternate register can be written.) Selecting PG1 write mode |