| データシートサーチシステム |
|
TMP93CS40 データシート(PDF) 178 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 データシート(HTML) 178 Page - Toshiba Semiconductor |
|
178 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-176 7 6 5 4 3 2 1 0 Bit symbol P95F P93F P92F P90F Read/Write W W W W After reset 0 0 0 0 Function 0: Port 1: SCLK1 0: Port 1: TXD1 0: Port 1: SCLK0 0: Port 1: TXD0 Figure 3.11.10 Port 9 Function Register (P9FC) 7 6 5 4 3 2 1 0 Bit symbol ODE1 ODE0 Read/Write R/W After reset 0 0 Function P93 0: CMOS 1: Open drain P90 0: CMOS 1: Open drain Note: ODE<bit7:2> is always “1”. Figure 3.11.11 Port 9 Open-drain Enable Register (ODE) P9FC (001DH) 0Port 1 SCLK0 (Channel 0) output Setting P92 as SCLK0 output 0Port 1 TXD0 (Channel 0) output Setting P90 as TXD0 output 0Port 1 TXD1 (Channel 1) output Setting P93 as TXD1 output 0Port 1 SCLK1 (Channel 1) output Setting P95 as SCLK1 output Read-modify-write is prohibited 0CMOS output 1 Open-drain output Setting P90 as open-drain output ODE (0058H) 0CMOS output 1 Open-drain output Setting P93 as open-drain output |