| データシートサーチシステム |
|
TMP93CS40 データシート(PDF) 189 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 データシート(HTML) 189 Page - Toshiba Semiconductor |
|
189 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-187 12. Signal generating timing 1) In UART mode Receive Mode 9 Bits 8 Bits + Parity 8 Bits, 7 Bits + Parity, 7 Bits Timing for interrupt generation Around center of bit8 Around center of parity bit Around center of stop bit Timing for framing generation Around center of stop bit Around center of stop bit Around center of stop bit Timing for parity error generation − Around center of parity bit ← Timing for overrun error timing Around center of bit8 Around center of parity bit Around center of stop bit Note: In 9-Bit and 8-Bit + Parity mode, interrupts coincide with the ninth bit pulse.Thus, when servicing the interrupt, it is necessary to wait for a 1-bit period (to allow the stop bit to be transferred) to allow checking for a framing error. Send Mode 9 Bits 8 Bits + Parity 8 Bits, 7 Bits + Parity, 7 Bits Timing for interrupt generation Immediately before stop bit sent ← ← 2) In I/O interface mode SCLK0 output mode Immediately after rise of last SCLK0 signal (See Figure 3.9.20) Timing for send interrupt generation SCLK0 input mode Immediately after rise (Rising mode) or fall (Falling mode) of last SCLK0 signal (See Figure 3.9.21) SCLK0 output mode Immediately after final SCLK0 (when received data are transferred to receive buffer 2 (SC0BUF)) (See Figure 3.9.22) Timing for receive interrupt generation SCLK0 input mode Immediately after final SCLK0 (when received data are transferred to receive buffer 2 (SC0BUF)) (See Figure 3.9.23) |