| データシートサーチシステム |
|
TMP93CS40 データシート(PDF) 201 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 データシート(HTML) 201 Page - Toshiba Semiconductor |
|
201 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-199 7 6 5 4 3 2 1 0 Bit symbol ADR21 ADR20 Read/Write R After reset Undefined ADREG26L (0064H) Function Lower 2 bits of AD result for AN2 or AN6 are stored. 7 6 5 4 3 2 1 0 Bit symbol ADR29 ADR28 ADR27 ADR26 ADR25 ADR24 ADR23 ADR22 Read/Write R After reset Undefined ADREG26H (0065H) Function Upper 8 bits of AD result for AN2 or AN6 are stored. 7 6 5 4 3 2 1 0 Bit symbol ADR31 ADR30 Read/Write R After reset Undefined ADREG37L (0066H) Function Lower 2 bits of AD result for AN3 or AN7 are stored. 7 6 5 4 3 2 1 0 Bit symbol ADR39 ADR38 ADR37 ADR36 ADR35 ADR34 ADR33 ADR32 Read/Write R After reset Undefined ADREG37H (0067H) Function Upper 8 bits of AD result for AN3 or AN7 are stored. Figure 3.12.5 AD Conversion Result Register (ADREG26, ADREG37) (2/2) 0 1 2 9 87 654 3 0 1 2 7 65 43 0 1 2 7 654 3 MSB LSB ADREGXH ADREGXL This is 1 when the register is read. Converted data for channel X |