| データシートサーチシステム |
|
UPSD3422EB40U6T データシート(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6T データシート(HTML) 91 Page - STMicroelectronics |
|
91 / 293 page ![]() uPSD34xx Standard 8032 timer/counters 91/293 Figure 25. Timer/counter mode 0: 13-bit counter Figure 26. Timer/counter mode 2: 8-bit Auto-reload Figure 27. Timer/counter mode 3: two 8-bit counters 20.6 Timer 2 Timer 2 can operate as either an event timer or as an event counter. This is selected by the bit C/T2 in the SFR named, T2CON (Table 43 on page 93). Timer 2 has three operating modes selected by bits in T2CON, according to Table 44 on page 94. The three modes are: ● Capture mode ● Auto re-load mode ● Baud rate generator mode AI06622 fOSC TF1 Interrupt Gate TR1 EXTINT1 pin C1 pin Control TL1 (5 bits) TH1 (8 bits) C/T = 0 C/T = 1 ÷ 12 AI06623 fOSC TF1 Interrupt Gate TR1 EXTINT1 pin C1 pin Control TL1 (8 bits) TH1 (8 bits) C/T = 0 C/T = 1 ÷ 12 AI06624 fOSC TF0 Interrupt Gate TR0 EXTINT0 pin C0 pin Control TL0 (8 bits) C/T = 0 C/T = 1 ÷ 12 fOSC TF1 Interrupt Control TH0 (8 bits) ÷ 12 TR1 |