| データシートサーチシステム |
|
UPSD3422EB40U6T データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6T データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 293 page ![]() uPSD34xx Special function registers (SFR) 37/293 Note: 1 This SFR can be addressed by individual bits (Bit Address mode) or addressed by the entire byte (Direct Address mode). F7 RESERVED F8 RESERVED F9 CCON0 PLLM[4] PLLEN UPLLCE DBGCE CPU_ AR CPUPS[2:0] 50 Table 22 FA CCON1 PLLM[3:0] PLLD[3:0] 00 FB CCON2 – – – PCA0CE PCA0PS[3:0] 10 Table 94 FC CCON3 – – – PCA1CE PCA1PS[3:0] 10 Table 95 FD RESERVED FE RESERVED FF RESERVED FE RESERVED FF RESERVED Table 5. SFR memory map with direct address and reset value Bit Name and <Bit Address> 76 5 4 3 2 1 0 |