データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPSD3422EB40U6T データシート(PDF) 41 Page - STMicroelectronics

部品番号 UPSD3422EB40U6T
部品情報  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T データシート(HTML) 41 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 37Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 38Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 39Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 40Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 41Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 42Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 43Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 44Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 293 page
background image
uPSD34xx
8032 addressing modes
41/293
address of A8h, so each of the eight bits in IE can be addressed individually at address A8h,
A9h, ...up to AFh.) For example:
SETB AFh
; Set the individual EA bit (Enable All
; Interrupts) inside the SFR Register,
; IE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More