データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U535CEU6Q データシート(PDF) 10 Page - STMicroelectronics

部品番号 STM32U535CEU6Q
部品情報  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CEU6Q データシート(HTML) 10 Page - STMicroelectronics

Back Button STM32U535CEU6Q Datasheet HTML 6Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 7Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 8Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 9Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 10Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 11Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 12Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 13Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
STM32CubeU5 features a rich set of examples and applications at all levels, making it easy to understand and
use any HAL driver and/or middleware components. These examples run on the STMicroelectronics boards listed
in Table 2.
Table 2. Boards for STM32U5 series
Board
Board STM32U5 supported devices
NUCLEO-U575ZI-Q
STM32U575ZIT6Q
STM32U575I-EV
STM32U575AII6Q
B-U585I-IOT02A
STM32U585AII6Q
NUCLEO-U5A5ZJ-Q
STM32U5A5ZJT6Q
STM32U5A9J-DK
STM32U5A9NJH6Q
NUCLEO-U545RE-Q
STM32U545RET6Q
STM32U5G9J-DK2
STM32U5G9ZJT6Q
STM32U5G9J-DK1
STM32U5G9NJH6Q
The STM32CubeU5 MCU package is able to run on any compatible hardware. The user simply updates the BSP
drivers to port the provided examples on their own board, if the latter has the same hardware features (such as
LED, LCD display, buttons).
4.2
MCU package overview
The STM32CubeU5 MCU package solution is provided in one single zip package having the structure shown in
Figure 4.
UM2883
STM32CubeU5 MCU package overview
UM2883 - Rev 4
page 10/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30