データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U535CEU6Q データシート(PDF) 13 Page - STMicroelectronics

部品番号 STM32U535CEU6Q
部品情報  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CEU6Q データシート(HTML) 13 Page - STMicroelectronics

Back Button STM32U535CEU6Q Datasheet HTML 9Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 10Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 11Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 12Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 13Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 14Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 15Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 16Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
This setup is performed in a secure CMSIS SystemInit() function called at startup before entering the secure
application main() function (refer to Arm® TrustZone®-M documentation of software guidelines).
Figure 6. Secure and nonsecure multiprojects structure
Non-secure project configuration
Non-secure project linker file
Non-secure project application include
and source files
Secure project configuration
Secure project linker file
Secure project application include and
source files
CMSIS device partition file for IDAU/
SAU, FPU, core and secure/non-
secure interrupts configuration
Non-secure callable services
Non-secure callable header file
(shared by secure project to non-
secure project)
Non-secure project components
Secure project components
UM2883
STM32CubeU5 MCU package overview
UM2883 - Rev 4
page 13/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30