| データシートサーチシステム |
|
STM32U535CEU6Q データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U535CEU6Q データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 30 page ![]() For each board, a set of examples is provided with preconfigured projects for EWARM, MDK-ARM, and STM32CubeIDE toolchains. Figure 5 shows the project structure for the NUCLEO-U575ZI-Q board. Figure 5. STM32CubeU5 examples overview The examples are classified depending on the STM32Cube level that they apply to, and are named as explained below: • Level 0 examples are called "Examples", " Examples_LL", and "Examples_MIX". They use, respectively, HAL drivers, LL drivers, and a mix of HAL and LL drivers without any middleware component. • Level 1 examples are called applications. They provide typical use cases of each middleware component. Any firmware application for a given board can be built quickly using the template projects available in the Templates and Templates_LL directories. 4.2.1 TrustZone-enabled projects TrustZone-enabled “Examples” names are prefixed with "_TrustZone". This rule is also applied to “Applications” (except TFM, which is native to TrustZone®). TrustZone-enabled “Examples” and “Applications” are provided with a multiproject structure, composed of secure and nonsecure subprojects, as presented below in Figure 6. TrustZone-enabled projects are developed according to the CMSIS-5 device template, extended to include the system partitioning header file partition_<device>.h. This file is responsible for the principal setup of the secure attribute unit (SAU), the FPU, and the secure/nonsecure interrupts assignment in a secure execution state. UM2883 STM32CubeU5 MCU package overview UM2883 - Rev 4 page 12/30 |