| データシートサーチシステム |
|
L6728 データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6728 データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 32 page ![]() Electrical specifications L6728 8/32 Gate drivers IUGATE HS source current BOOT - PHASE = 5V 1.5 A RUGATE HS sink resistance BOOT - PHASE = 5V 1.1 Ω ILGATE LS source current VCC = 5V 1.5 A RLGATE LS sink resistance VCC = 5V 0.65 Ω Over-current protection IOCSET OCSET current source Sourced from LGATE pin, during OC setting phase. 910 11 µA VOC_SW OC switch-over threshold VLGATE/OC rising 600 mV Over & under-voltage protections OVP OVP threshold VSEN Rising 0.90 1.00 1.10 V un-latch, VSEN Falling 0.35 0.40 0.45 V UVP UVP threshold VSEN Falling 0.50 0.60 0.70 V VSEN VSEN bias current Sourced from VSEN 100 nA PGOOD PGOOD Upper threshold VSEN Rising 0.860 0.890 0.920 V Lower threshold VSEN Falling 0.680 0.710 0.740 V VPGOODL PGOOD Voltage Low IPGOOD = -4mA 0.4 V 1. Guaranteed by design, not subject to test. Table 5. Electrical characteristics (continued) (VCC = 5V to 12V; Tj = 0° to 70°C unless otherwise specified). Symbol Parameter Test conditions Min. Typ. Max. Unit |