| データシートサーチシステム |
|
L6728 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6728 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 32 page ![]() Typical application circuit and block diagram L6728 4/32 1 Typical application circuit and block diagram 1.1 Application circuit Figure 1. Typical application circuit 1.2 Block diagram Figure 2. Block diagram 1 3 2 BOOT UGATE PHASE LGATE / OC 4 HS LS VIN = 1.5V to 12V L COUT Vout LOAD CHF CBULK CDEC FB 8 RFB COMP / DIS 7 RF CF CP GND VCC VCC = 5V to 12V 6 5 L6728 Reference Schematic ROCSET PGOOD RPG PGOOD VSEN 10 9 ROS ROS RFB BOOT LGATE / OC UGATE GND HS LS VCC ERROR AMPLIFIER + - 0.8V 300 kHz OSCILLATOR PWM PHASE CONTROL LOGIC & PROTECTIONS VOCTH OC L6728 I OCSET PGOOD VSEN VOUT MONITOR CLOCK |