データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6728 データシート(PDF) 1 Page - STMicroelectronics

部品番号 L6728
部品情報  Single phase PWM controller with PowerGOOD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 データシート(HTML) 1 Page - STMicroelectronics

  L6728 Datasheet HTML 1Page - STMicroelectronics L6728 Datasheet HTML 2Page - STMicroelectronics L6728 Datasheet HTML 3Page - STMicroelectronics L6728 Datasheet HTML 4Page - STMicroelectronics L6728 Datasheet HTML 5Page - STMicroelectronics L6728 Datasheet HTML 6Page - STMicroelectronics L6728 Datasheet HTML 7Page - STMicroelectronics L6728 Datasheet HTML 8Page - STMicroelectronics L6728 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
September 2007
Rev 2
1/32
1
L6728
Single phase PWM controller with PowerGOOD
Features
Flexible power supply from 5V to 12V
Power conversion input as low as 1.5V
0.8V internal reference
0.8% output voltage accuracy
High-Current integrated drivers
PowerGOOD output
Sensorless and programmable OCP across
Low-Side RdsON
OV / UV protections
VSEN disconnection protection
Oscillator internally fixed at 300kHz
LS-LESS to manage pre-bias start-up
Adjustable output voltage
Disable function
Internal Soft-Start
VFQFPN 10 package
Applications
Memory and termination supply
Subsystem power supply (MCH, IOCH, PCI...)
CPU & DSP power supply
Distributed power supply
General DC / DC converters
Description
L6728 is a single-phase step-down controller with
integrated high-current drivers that provides
complete control logic and protection to realize in
a simple way general DC-DC converters by using
a compact VFQFPN 10 package.
Device flexibility allows managing conversions
with power input VIN as low as 1.5V and device
supply voltage ranging from 5V to 12V.
L6728 provides simple control loop with voltage
mode EA. The integrated 0.8V reference allows
regulating output voltages with ±0.8% accuracy
over line and temperature variations. Oscillator is
internally fixed to 300kHz.
L6728 provides programmable dual level over
current protection as well as over and under
voltage protection. Current information is
monitored across the Low-Side MOSFET RdsON
saving the use of expensive and space-
consuming sense resistors.
PGOOD output easily provides real-time
information on Output Voltage status, through
VSEN dedicated output monitor.
VFQFPN 10
Table 1.
Device summary
Order codes
Package
Packaging
L6728
VFQFPN 10
Tube
L6728TR
VFQFPN 10
Tape & Reel
www.st.com


同様の部品番号 - L6728

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6728 STMICROELECTRONICS-L6728 Datasheet
1Mb / 31P
Single phase PWM controller with Power Good
05-Jun-2008
L6728A STMICROELECTRONICS-L6728A Datasheet
1Mb / 32P
High frequency single phase PWM controller with Power Good
01-Oct-2008
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
High frequency single phase PWM controller with Power Good
20-May-2009
L6728AHTR STMICROELECTRONICS-L6728AHTR Datasheet
1Mb / 33P
High frequency single phase PWM controller with Power Good
20-May-2009
L6728ATR STMICROELECTRONICS-L6728ATR Datasheet
1Mb / 32P
High frequency single phase PWM controller with Power Good
01-Oct-2008
More results

同様の説明 - L6728

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
Single phase PWM controller
06-Jun-2007
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
Single phase PWM controller
30-Jul-2007
L6728_0706 STMICROELECTRONICS-L6728_0706 Datasheet
1Mb / 31P
Single phase PWM controller with Power Good
05-Jun-2008
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
Single phase PWM controller
23-Mar-2010
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
Single phase PWM controller
23-Mar-2010
L6728D STMICROELECTRONICS-L6728D Datasheet
1Mb / 33P
Single-phase PWM controller with Power Good
03-Feb-2010
L6728H STMICROELECTRONICS-L6728H Datasheet
1Mb / 32P
Single phase PWM controller with Power Good
20-May-2009
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
Dual Single-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32